Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP1632-AAE/MS Fiches technique(PDF) 14 Page - Microchip Technology

No de pièce MCP1632-AAE/MS
Description  High-Speed, Low-Side PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1632-AAE/MS Fiches technique(HTML) 14 Page - Microchip Technology

Back Button MCP1632-AAE/MS Datasheet HTML 10Page - Microchip Technology MCP1632-AAE/MS Datasheet HTML 11Page - Microchip Technology MCP1632-AAE/MS Datasheet HTML 12Page - Microchip Technology MCP1632-AAE/MS Datasheet HTML 13Page - Microchip Technology MCP1632-AAE/MS Datasheet HTML 14Page - Microchip Technology MCP1632-AAE/MS Datasheet HTML 15Page - Microchip Technology MCP1632-AAE/MS Datasheet HTML 16Page - Microchip Technology MCP1632-AAE/MS Datasheet HTML 17Page - Microchip Technology MCP1632-AAE/MS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
MCP1632
DS20005254A-page 14
 2013 Microchip Technology Inc.
FIGURE 4-1:
PWM Timing Diagram.
4.6
Slope Compensation
In order to prevent sub-harmonic oscillations that occur
when a Peak Current Mode converter exceeds a 50%
duty cycle, the MCP1632 provides an internal ramp
generator that can be used for slope compensation.
Refer to Figure 4-2 for details about the slope
generator circuit. The amplitude of the generated ramp
signal is 0.9 VPP (typical) and the DC offset value is
770 mV (typical). The impedance of the internal ramp
generator (RG) is 6 ktypical. The amplitude of the
slope compensation ramp can be adjusted by
modifying the value of the RSLOPE resistor. Refer to
Figure 4-3 for details about the slope compensation
ramp signal applied to CS pin. The parameters of the
slope compensation ramp signal can be calculated with
the provided equations.
The MCP1632 device is equipped with a blanking
circuit for the CS pin in order to prevent any false resets
of the RS latch due to noise. However, for certain
applications, it is recommended to place a small value
capacitor (CFILTER) between the CS pin and GND to
provide additional filtering for the current sense signal.
The recommended value ranges from 10 pF to 30 pF.
Use caution, because a higher value may affect the
slope compensation ramp.
FIGURE 4-2:
Slope Compensation
Circuit.
CLK
/S
EA Out
ISENSE
R/
Comp
Out
Q
VDRIVE
VEXT
Ramp
Signal
Oscillator
CS
300/600 kHz
VEXT
Ramp
+1
6k
:
L
To PWM
Comparator
Q
RSENSE
RSLOPE
CFILTER
(Optional)
0.9 VPP
RG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34