Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP1632-AAE/MS Fiches technique(PDF) 12 Page - Microchip Technology

No de pièce MCP1632-AAE/MS
Description  High-Speed, Low-Side PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1632-AAE/MS Fiches technique(HTML) 12 Page - Microchip Technology

Back Button MCP1632-AAE/MS Datasheet HTML 8Page - Microchip Technology MCP1632-AAE/MS Datasheet HTML 9Page - Microchip Technology MCP1632-AAE/MS Datasheet HTML 10Page - Microchip Technology MCP1632-AAE/MS Datasheet HTML 11Page - Microchip Technology MCP1632-AAE/MS Datasheet HTML 12Page - Microchip Technology MCP1632-AAE/MS Datasheet HTML 13Page - Microchip Technology MCP1632-AAE/MS Datasheet HTML 14Page - Microchip Technology MCP1632-AAE/MS Datasheet HTML 15Page - Microchip Technology MCP1632-AAE/MS Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
MCP1632
DS20005254A-page 12
 2013 Microchip Technology Inc.
3.7
Input Bias (VIN)
VIN is the input voltage pin. Connect the input voltage
source to the VIN pin. For normal operation, the voltage
on the VIN pin should range from +3.0V to +5.5V. A
bypass capacitor of at least 0.1 µF should be
connected between the VIN pin and the GND pin. This
decoupling capacitor must be located as close as
possible to the controller package.
3.8
Reference Voltage Input/Internal
Constant Current Generator
Output (VREF)
This pin is the output of the internal Constant Current
Generator (50 µA typical). An external resistor must be
connected between this pin and GND. The current
flowing in this resistor will set the reference voltage.
Optionally, a capacitor may also be connected between
this pin and GND to set the soft start ramp behavior.
This pin may be overdriven by an external voltage
source, enabling the reference voltage to be controlled
externally. Refer to Section 4.7 “Reference Voltage
Generator”
for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34