Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP1632-AAE/MS Fiches technique(PDF) 23 Page - Microchip Technology

No de pièce MCP1632-AAE/MS
Description  High-Speed, Low-Side PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1632-AAE/MS Fiches technique(HTML) 23 Page - Microchip Technology

Back Button MCP1632-AAE/MS Datasheet HTML 19Page - Microchip Technology MCP1632-AAE/MS Datasheet HTML 20Page - Microchip Technology MCP1632-AAE/MS Datasheet HTML 21Page - Microchip Technology MCP1632-AAE/MS Datasheet HTML 22Page - Microchip Technology MCP1632-AAE/MS Datasheet HTML 23Page - Microchip Technology MCP1632-AAE/MS Datasheet HTML 24Page - Microchip Technology MCP1632-AAE/MS Datasheet HTML 25Page - Microchip Technology MCP1632-AAE/MS Datasheet HTML 26Page - Microchip Technology MCP1632-AAE/MS Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
 2013 Microchip Technology Inc.
DS20005254A-page 23
MCP1632
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
8-Lead DFN (2x3x0.9 mm)
Example
ACD
349
25
Part Number
Code
MCP1632-AAE/MC
ACD
MCP1632-BAE/MC
ACY
MCP1632T-AAE/MC
ACD
MCP1632T-BAE/MC
ACY
8-Lead MSOP (3x3 mm)
Example
1632AA
349256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34