Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCS3142 Fiches technique(PDF) 44 Page - Microchip Technology

No de pièce MCS3142
Description  MCS3142 Dual KEELOQ짰 Encoder Wireless Remote Control Development Kit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Fiches technique(HTML) 44 Page - Microchip Technology

Back Button MCS3142 Datasheet HTML 40Page - Microchip Technology MCS3142 Datasheet HTML 41Page - Microchip Technology MCS3142 Datasheet HTML 42Page - Microchip Technology MCS3142 Datasheet HTML 43Page - Microchip Technology MCS3142 Datasheet HTML 44Page - Microchip Technology MCS3142 Datasheet HTML 45Page - Microchip Technology MCS3142 Datasheet HTML 46Page - Microchip Technology MCS3142 Datasheet HTML 47Page - Microchip Technology MCS3142 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
PC Application
 2014 Microchip Technology Inc.
DS40001746A-page 43
8.7
RECEIVER SETTINGS
The receiver settings can manipulated via the GUI. To access these options, navigate
to Settings->Board Options to see a similar screen as below:
FIGURE 8-11:
BOARD SETTINGS DIALOG
The drop-down options for the center frequency contain common settings for the
receiver. The Hex input box provides a convenient way to visual the decimal frequency
in a hexadecimal format. The modulation can also be configured between OOK and
FSK. When satisfied, press the Program Receiver button to apply the changes to the
board. The kits come with a receiver that has a matching circuit that is designed to a
specific frequency. Changing the frequency far from its originally designed center
frequency will have adverse affects on the receiving range.
8.8
VERSIONING
It is advised that the latest PC application and Host/Target firmware be downloaded
from the web at www.microchip.com/keeloq. The Help window will list the firmware of
the development board and of the application.
References
1. AN1265 – KEELOQ® with AES Microcontroller-Based Code Hopping Encoder
2. DS41646 – Wireless Security Remote Control Development Kit User’s Guide
3. MCS3142 Dual KEELOQ® Encoder Data sheet
4. DS41378 – KEELOQ 3 Development Kit
Note: These settings will not persist between power cycles of the demo board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57