| Moteur de recherche de fiches techniques de composants électroniques |
|
MCS3142 Fiches technique(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCS3142 Fiches technique(HTML) 37 Page - Microchip Technology |
|
37 / 57 page ![]() MCS3142 Dual KEELOQ® Encoder Wireless Remote Control Development Kit User’s Guide DS40001746A-page 36 2014 Microchip Technology Inc. 8.3 PC QUICK-START 8.3.1 Connecting to the board Upon launching the application, a similar diagram will be displayed: FIGURE 8-1: MAIN LANDING SCREEN Please note that the subsequent screen captures of the program may change in later releases of the program software. A default Windows 7 look and feel was used for all figures. Place the jumper on J6 on the Embedded Security Development Board in its left-most position to enable USB power. Fit the SX1239 Receiver PICtail into its slot on the demo board. Connect a USB cable into the Embedded Security Development Board. D2 should now be lit. In Windows, a notification stating that the MCP2200 device was installed and found successfully will show. If not, the MCP2200 driver may need to be installed manually as stated in the Section 8.2 “Installation”. |