| Moteur de recherche de fiches techniques de composants électroniques |
|
MCS3142 Fiches technique(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCS3142 Fiches technique(HTML) 22 Page - Microchip Technology |
|
22 / 57 page ![]() MCS3142 DUAL KEELOQ® ENCODER WIRELESS REMOTE CONTROL DEVELOPMENT KIT USER’S GUIDE 2014 Microchip Technology Inc. DS40001746A-page 21 Chapter 5. Embedded Security Development Board 5.1 INTRODUCTION This section gives a detailed description of the development board. The layout can be seen in Figure 5-1. FIGURE 5-1: EMBEDDED SECURITY DEVELOPMENT BOARD The following main blocks are defined on the Embedded Security Development Board in Table 5-1: TABLE 5-1: EMBEDDED SECURITY MODULE DEFINITIONS 1 Target Application microcontroller U4 2 Host microcontroller U1 3 Serial Accessory Port P20 4 USB Interface Port J3 5 PICtail™ Connector J1 6 16x2 character LCD display 7 Real-Time Clock and Calendar (RTCC) module U5 8 Push Buttons 9LEDs 10 Voltage Regulator 11 ICSP™ Programming Ports, J4 for Host; J5 for Target Application |