Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCS3142 Fiches technique(PDF) 36 Page - Microchip Technology

No de pièce MCS3142
Description  MCS3142 Dual KEELOQ짰 Encoder Wireless Remote Control Development Kit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Fiches technique(HTML) 36 Page - Microchip Technology

Back Button MCS3142 Datasheet HTML 32Page - Microchip Technology MCS3142 Datasheet HTML 33Page - Microchip Technology MCS3142 Datasheet HTML 34Page - Microchip Technology MCS3142 Datasheet HTML 35Page - Microchip Technology MCS3142 Datasheet HTML 36Page - Microchip Technology MCS3142 Datasheet HTML 37Page - Microchip Technology MCS3142 Datasheet HTML 38Page - Microchip Technology MCS3142 Datasheet HTML 39Page - Microchip Technology MCS3142 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
MCS3142 DUAL KEELOQ® ENCODER
WIRELESS REMOTE CONTROL
DEVELOPMENT KIT USER’S GUIDE
 2014 Microchip Technology Inc.
DS40001746A-page 35
Chapter 8. PC Application
8.1
INTRODUCTION
The MCS3142 can be used in conjunction with a PC application in order to view and
edit data.
8.1.1
PC Application Features
• View graphically all KEELOQ transactions
• Graphical calculator
• Change receiver settings
• Tooltip text for every data entry
8.1.2
PC Requirements
The application is cross-platformed and has been tested for the following operating
systems:
•Windows® XP, Vista, 7, 8
•Mac OS® X (Intel) 10.7 and later
• Linux (Intel x86/x64)
It also requires the Java Runtime Environment (JRE) version 6 or later.
Please note the version restriction on the Mac OS X platform. Mac OSX 10.7+ is a
restriction from using the MCP2200 as a USB<->Serial device. Only MAC platforms
that meet this requirement will be able to correctly connect to the board.
8.2
INSTALLATION
8.2.1
Installing the Wireless Security Remote Kit GUI
The installer can be downloaded from the Microchip website at: http://www.micro-
chip.com/keeloq. Install the program by following the installation instructions that come
with the package installer.
8.2.2
Installing the MCP2200 USB Driver
The MCP2200 is a USB-to-UART serial converter which enables USB connectivity in
application that have a UART interface. The installer includes this driver if installing on
a Windows machine. Additionally, the Windows installer can be downloaded here:
www.microchip.com/mcp2200.
Mac OS X 10.7 or later systems do not need any driver installation.
In order to be able to use the MCP2200 with Linux, the kernel must have support for
USB CDC class drivers. For more information, Linux users should read the readme
installation notes found here: http://ww1.microchip.com/downloads/en/Device-
Doc/mcp2200_linux_driver_readme.txt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57