Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS4C2M32SA Fiches technique(PDF) 46 Page - Alliance Semiconductor Corporation

No de pièce AS4C2M32SA
Description  64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALSC [Alliance Semiconductor Corporation]
Site Internet  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C2M32SA Fiches technique(HTML) 46 Page - Alliance Semiconductor Corporation

Back Button AS4C2M32SA Datasheet HTML 42Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 43Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 44Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 45Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 46Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 47Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 48Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 49Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 50Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
Figure 36.2. Full Page Read Cycle (Burst Length=Full Page, CAS# Latency=3)
Don’t Care
CLK
T0 T1 T2 T3 T4 T5 T6 T7 T8 T9 T10
CS#
DQ
Activate
Cammand
Bank A
T11 T12T13 T14 T15 T16 T17 T18 T19T20 T21 T22
CKE
Hi-Z
Read
Command
Bank A
A0-A9
CBx
RBy
The burst counter wraps
from the highest order
page address back to zero
during this time interval
Read
Command
Bank B
Ax
Burst Stop
Command
High
RAx
RBy
RAx
RBx
CAx
Ax+1
Ax-1
Ax
Ax+1
Bx
Bx+1 Bx+2
Bx+5
Bx+3 Bx+4
Full Page burst operation does not
terminate when the burst length is
satisfied; the burst counter increments
and continues bursting beginning with
the starting address
Precharge
Command
Bank B
Activate
Command
Bank B
tRP
Ax-2
Ax+2
RAS#
WE#
BA0,1
Activate
Cammand
Bank B
CAS#
RBx
DQM
A10
AS4C2M32SA-6TIN
AS4C2M32SA-6TCN
AS4C2M32SA-7TCN
Confidential
-46/54-
Rev.1.0 Sep. 2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54