Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS4C2M32SA Fiches technique(PDF) 24 Page - Alliance Semiconductor Corporation

No de pièce AS4C2M32SA
Description  64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALSC [Alliance Semiconductor Corporation]
Site Internet  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C2M32SA Fiches technique(HTML) 24 Page - Alliance Semiconductor Corporation

Back Button AS4C2M32SA Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 25Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 26Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 27Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 28Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
Figure 21. Auto Refresh (Burst Length=4, CAS# Latency=2)
Don’t Care
T20 T21 T22
Ax1
Ax0
CLK
T0 T1 T2 T3 T4 T5 T6 T7 T8 T9 T10
CS#
DQ
Precharge All
Command
Auto Refresh
Command
T11 T12 T13 T14 T15 T16 T17 T18 T19
RAS#
RAx
Activate
Command
Bank A
Read
Command
Bank A
CAS#
WE#
A10
RAx
CAx
Auto Refresh
Command
CKE
DQM
BA0,1
A0-A9
tRP
tRCD
tRFC
tRFC
AS4C2M32SA-6TIN
AS4C2M32SA-6TCN
AS4C2M32SA-7TCN
Confidential
-24/54-
Rev.1.0 Sep. 2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54