Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS4C2M32SA Fiches technique(PDF) 38 Page - Alliance Semiconductor Corporation

No de pièce AS4C2M32SA
Description  64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALSC [Alliance Semiconductor Corporation]
Site Internet  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C2M32SA Fiches technique(HTML) 38 Page - Alliance Semiconductor Corporation

Back Button AS4C2M32SA Datasheet HTML 34Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 35Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 36Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 37Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 38Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 39Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 40Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 41Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 42Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
Figure 31.2. Read and Write Cycle (Burst Length=4, CAS# Latency=3)
Don’t Care
CLK
T0
T1
T2
T3
T4
T5
T6
T7
T8
T9 T10
CS#
DQ
Activate
Cammand
Bank A
T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
RAS#
Hi-Z
Read
Command
Bank A
RAx
RAx
RAx
CAx
CAy
CAz
DQM
Write
Command
Bank A
Read
Command
Bank A
CAS#
Ax0
Az0
Ax1 Ax2
Ax3
DAy0 DAy1
DAy3
Az1
Az3
The Write Data
is Masked with a
Zero Clock
Latency
The Read Data
is Masked with a
Two Clock
Latency
WE#
A0-A9
A10
BA0,1
CKE
AS4C2M32SA-6TIN
AS4C2M32SA-6TCN
AS4C2M32SA-7TCN
Confidential
-38/54-
Rev.1.0 Sep. 2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54