Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS4C2M32SA Fiches technique(PDF) 23 Page - Alliance Semiconductor Corporation

No de pièce AS4C2M32SA
Description  64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALSC [Alliance Semiconductor Corporation]
Site Internet  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C2M32SA Fiches technique(HTML) 23 Page - Alliance Semiconductor Corporation

Back Button AS4C2M32SA Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 25Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 26Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 27Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
Figure 20. AC Parameters for Read Timing (Burst Length=2, CAS# Latency=2)
Don’t Care
T0
T1
T2
T3
T4
T5
T6
T7
T8
T10
tRP
Activate
Command
Bank A
Begin Auto
Precharge Bank B
T11 T12
tCH
tCL
tIH
tIS
tIS
tIH
tIH
tIS
RAx
RAx
CAx
RBx
RBx
CBx
RAy
RAy
tRRD
tRAS
tRC
Ax0
Bx0
tHZ
tRCD
tAC
tLZ
tHZ
tOH
Read
Command
Bank A
Activate
Command
Bank B
Read with
Auto
Precharge
Command
Bank B
Precharge
Command
Bank A
Activate
Command
Bank A
Ax1
Bx1
CLK
CS#
DQ
RAS#
CAS#
WE#
BA0,1
DQM
CKE
A10
A0-A9
Hi-Z
T14 T15 T16
T9
T13
AS4C2M32SA-6TIN
AS4C2M32SA-6TCN
AS4C2M32SA-7TCN
Confidential
-23/54-
Rev.1.0 Sep. 2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54