| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320VC5502 Fiches technique(PDF) 149 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5502 Fiches technique(HTML) 149 Page - Texas Instruments |
|
149 / 189 page ![]() www.ti.com R1 R4 R6 R3 R5 R7 RESET EMIF Group (see Note A) High Group (see Note B) Z Group (see Note C) R8 Input/Output Group (see Note D) R9 Toggle Group (see Note E) R2 A. EMIF group: EMIF.A[21:2], EMIF.ARE/SADS/SDCAS/SRE, EMIF.AOE/SOE/SDRAS, EMIF.AWE/SWE/SDWE, EMIF.ARDY, EMIF.CE0, EMIF.CE1, EMIF.CE2, EMIF.CE3, EMIF.BE0, EMIF.BE1, EMIF.BE2, EMIF.BE3, EMIF.SDCKE, EMIF.SOE3, EMIF.HOLD, EMIF.HOLDA, ECLKOUT1. EMIF.ARDY and EMIF.HOLDA do not go to a high-impedance state during reset since they are input-only signals; they are included here simply for completeness. B. High group: IACK, XF, SCL (assumes external pullup on pin), SDA (assumes external pullup on pin), UART.TX, TDO. C. Z group: HRDY, HINT, DX2, DX1, DX0 D. Input/Output group: PGPIO[45:0], HPI.HA[15:0], HPI.HD[15:0], EMIF.D[31:0], HPI.HAS, HPI.HBIL, HCNTL1, HCNTL0, HCS, R/W, HDS1, HDS2, NMI/WDTOUT, GPIO[7:0], TIM0, TIM1, CLKR0, CLKX0, FSR0, FSX0, CLKR1, CLKX1, FSR1, FSX1, CLKR2, CLKX2, FSR2, FSX2, EMU0, EMU1/OFF. Signals in this group switch to input mode with reset. E. Toggle group: ECLKOUT2, CLKOUT. Pins in this group toggle with a default frequency during reset. TMS320VC5502 Fixed-Point Digital Signal Processor SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004 Figure 5-22. Reset Timings Specifications 149 |