| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320VC5502 Fiches technique(PDF) 143 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5502 Fiches technique(HTML) 143 Page - Texas Instruments |
|
143 / 189 page ![]() www.ti.com ECLKOUT1 EMIF.CEx EMIF.BE[3:0] EMIF.A[11:2] EMIF.D[31:0] EMIF.A12 EMIF.AOE/SOE/SDRAS (see Note A) EMIF.ARE/SADS/SDCAS/SRE (see Note A) EMIF.AWE/SWE/SDWE (see Note A) EMIF.A[21:13] BE1 BE2 BE3 BE4 Bank Column D1 D2 D3 D4 SD8 SD7 SD6 SD5 SD5 SD5 SD1 SD3 SD2 SD8 SD4 SD4 SD4 SD1 READ A. EMIF.ARE/SADS/SDCAS/SRE, EMIF.AWE/SWE/SDWE, and EMIF.AOE/SOE/SDRAS operate as EMIF.SDCAS, EMIF.SDWE, and EMIF.SDRAS, respectively, during SDRAM accesses. ECLKOUT1 EMIF.CEx EMIF.BE[3:0] EMIF.A[11:2] EMIF.D[31:0] EMIF.AOE/SOE/SDRAS (see Note A) EMIF.ARE/SADS/SDCAS/SRE (see Note A) EMIF.AWE/SWE/SDWE (see Note A) EMIF.A12 EMIF.A[21:13] BE1 BE2 BE3 BE4 Bank Column D1 D2 D3 D4 SD11 SD8 SD9 SD5 SD5 SD5 SD2 SD1 SD11 SD8 SD9 SD4 SD4 SD2 SD1 SD10 SD3 SD4 WRITE A. EMIF.ARE/SADS/SDCAS/SRE, EMIF.AWE/SWE/SDWE, and EMIF.AOE/SOE/SDRAS operate as EMIF.SDCAS, EMIF.SDWE, and EMIF.SDRAS, respectively, during SDRAM accesses. TMS320VC5502 Fixed-Point Digital Signal Processor SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004 Figure 5-13. SDRAM Read Command (CAS Latency 3) Figure 5-14. SDRAM Write Command Specifications 143 |