| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8833U/2DA Fiches technique(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8833U/2DA Fiches technique(HTML) 32 Page - NXP Semiconductors |
|
32 / 112 page ![]() 2003 Feb 14 32 Philips Semiconductors Objective specification STN RGB - 132 × 132 × 3 driver PCF8833 handbook, full pagewidth MGU920 send PTLAR send PTLON Sleep_OUT display on normal display booster on partial area def partial mode on send PTLAR send NORON send SEP partial area def normal display scroll mode send DISPOFF send DISPON display off wait until display supply voltage is settled display on optional exit partial mode optional Initial state (1) Fig.11 Recommended sequence for setting Partial mode. (1) If the initial state is Sleep_IN, the same sequence is valid, but Sleep_OUT has to be sent to see the effect on the display (after the display voltage has settled). When sending DAL after PTLON, only the pixels of partial area are driven on. When sending INVON, in Partial mode only the pixels of partial area are inverted. INVON is over-ruled by DAL and DALO. Pixels outside partial area always stay off. |