Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8833U/2DA Fiches technique(PDF) 95 Page - NXP Semiconductors

No de pièce PCF8833U/2DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833U/2DA Fiches technique(HTML) 95 Page - NXP Semiconductors

Back Button PCF8833U/2DA Datasheet HTML 91Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 92Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 93Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 94Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 95Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 96Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 97Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 98Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 112 page
background image
2003 Feb 14
95
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
handbook, full pagewidth
MGU978
VSS1
VDD1
VSS1
VDD1
VSS1
VDD1
VSS1
VLCDIN2
VSS1
VSS1
C1+, C2+, C3+, C4+,
C5+, C5–
C1–, C2–, C3–, C4–
C0 to C395,
R0 to R131
RES, VDD(tieoff),
VSS(tieoff)
VOTP(gate), VOTP(drain)
200 k
Ω
WR, DC/SCLK, RD,
PS[2:0], OSC, CS/SCE,
T1, T2, T3, T4, T5, T6,
SDOUT, D[7:1], TE, D0/SDIN
Fig.59 Protection circuit diagram; part 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More