| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8833U/2DA Fiches technique(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8833U/2DA Fiches technique(HTML) 26 Page - NXP Semiconductors |
|
26 / 112 page ![]() 2003 Feb 14 26 Philips Semiconductors Objective specification STN RGB - 132 × 132 × 3 driver PCF8833 Table 28 Display on register bits D/C 76543210 DEFAULT 000101001 29H handbook, full pagewidth MGU916 Sleep_OUT display on booster on display off Initial state Booster off send DISPOFF D31 = 0(2) booster off send BSTROFF(1) booster on Booster on send BSTRON display on wait for D31 bit send DISPON D31 = 1 D31 = 0 Fig.7 Recommendation for using commands BSTRON/BSTROFF in combination with DISPON/DISPOFF. (1) When an external VLCD is applied, BSTROFF needs to be sent after reset (default = booster on). The setting of Display mode (Partial mode, Scroll mode, etc.) is not affected by sending DISPON/DISPOFF. (2) D31 is the booster voltage status bit; see Section 6.2.7. |