Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8833U/2DA Fiches technique(PDF) 17 Page - NXP Semiconductors

No de pièce PCF8833U/2DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833U/2DA Fiches technique(HTML) 17 Page - NXP Semiconductors

Back Button PCF8833U/2DA Datasheet HTML 13Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 14Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 15Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 16Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 17Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 18Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 19Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 20Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 112 page
background image
2003 Feb 14
17
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
6.2.6
READ DISPLAY IDENTIFICATION INFORMATION
The Read Display Identification Information (RDDIDIF)
command returns a 24-bit display identification
information. The identification information is valid only
5 ms after applying a hardware reset. Therefore the
RDDIDIF command should not be sent earlier than 5 ms
after a hardware reset.
The input and output data format is given in Table 9. After
the command byte 04H is sent, the read starts with one
dummy clock cycle followed by the 3 status bytes (see
Fig.47).
When less than 25 read clock cycles are sent in Serial
mode, the identification information read must be
interrupted by a hardware reset or rising edge of SCE.
The definition of the display identification bits is given in
Table 11.
Table 8
Read display identification information register bits
Table 9
RDDIDIF data format for Serial mode
Table 10 RDDIDIF data format for Parallel mode
Table 11 Description of the display identification bits
Note
1. RDID3 will be programmed in OTP cells. This ID can be set to 03H by the module maker.
D/C
76543210
DEFAULT
0
00000100
04H
BIT
D/C
76543210
DEFAULT
(S)DIN
0
0
0
0
0
0
1
0
0
04H
(S)DOUT
−
X (only one dummy clock cycle, not a full byte)
X
(S)DOUT
−
D23
D22
D21
D20
D19
D18
D17
D16
45H
−
D15
D14
D13
D12
D11
D10
D9
D8
XX
−
D7
D6
D5
D4
D3
D2
D1
D0
XX
D/C
76543210
DEFAULT
0
00000100
04H
1
XXXXXXXX
XX
1
D23
D22
D21
D20
D19
D18
D17
D16
45H
1
D15
D14
D13
D12
D11
D10
D9
D8
XX
1
D7D6D5D4D3D2D1D0
XX
BIT
BIT DESCRIPTION
RD BYTE
REMARK
D[23:16]
manufacturer ID
RDID1
hard wired = 45H
D15
driver/module ID
(STN B/W = 0 and
STN Colour = 1)
RDID2
OTP programmed;
see Chapter 15
D[14:8]
driver/module version ID
D[7:0]
driver/module code
RDID3(1)
OTP programmed;
see Chapter 15