Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2103 Fiches technique(PDF) 50 Page - Microchip Technology

No de pièce EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Fiches technique(HTML) 50 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 46Page - Microchip Technology EMC2103 Datasheet HTML 47Page - Microchip Technology EMC2103 Datasheet HTML 48Page - Microchip Technology EMC2103 Datasheet HTML 49Page - Microchip Technology EMC2103 Datasheet HTML 50Page - Microchip Technology EMC2103 Datasheet HTML 51Page - Microchip Technology EMC2103 Datasheet HTML 52Page - Microchip Technology EMC2103 Datasheet HTML 53Page - Microchip Technology EMC2103 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
DS0005250A-page 50
 2013 Microchip Technology Inc.
6.10
Configuration Register
The Configuration Register controls the basic functionality of the EMC2103. The bits are described
below.
Bit 7 - MASK - Blocks the ALERT pin from being asserted.
‘0’ (default) - The ALERT pin is unmasked. If any bit in either status register is set, the ALERT pin
will be asserted (unless individually masked via the Mask Register)
‘1’ - The ALERT pin is masked and will not be asserted.
Bit 3 - SYS3 (EMC2103-2 and EMC2103-4 only) - Enables the high temperature limit for the External
Diode 3 channel to trigger the Critical / Thermal Shutdown circuitry (see Section 5.1).
‘0’ (default) - the External Diode 3 channel high limit will not be linked to the SYS_SHDN pin. If the
temperature meets or exceeds the limit, the ALERT pin will be asserted normally.
‘1’ - the External Diode 3 channel high limit will be linked to the SYS_SHDN pin. If the temperature
meets or exceeds the limit then the SYS_SHDN pin will be asserted. The SYS_SHDN pin will be
released when the temperature drops below the high limit. The ALERT pin will be asserted
normally.
Bit 2 - SYS2 (EMC2103-2 and EMC2103-4 only) - Enables the high temperature limit for the External
Diode 2 channel to trigger the Critical / Thermal Shutdown circuitry (see Section 5.1).
‘0’ (default) - the External Diode 2 channel high limit will not be linked to the SYS_SHDN pin. If the
temperature meets or exceeds the limit, the ALERT pin will be asserted normally.
‘1’ - the External Diode 2 channel high limit will be linked to the SYS_SHDN pin. If the temperature
meets or exceeds the limit then the SYS_SHDN pin will be asserted. The ALERT pin will be
asserted normally.
Bit 1 - SYS1 - Enables the high temperature limit for the External Diode 1 channel to trigger the Critical
/ Thermal Shutdown circuitry (see Section 5.1).
‘0’ (default) - The External Diode 1 channel high limit will not be linked to the SYS_SHDN pin. If
the temperature meets or exceeds the limit, the ALERT pin will be asserted normally.
‘1’ - The External Diode 1 channel high limit will be linked to the SYS_SHDN pin. If the temperature
meets or exceeds the limit then the SYS_SHDN pin will be asserted. The ALERT pin will be
asserted normally.
Bit 0 - APD (EMC2103-2 and EMC2103-4 only) - This bit enables the Anti-parallel diode functionality
on the External Diode 3 pins (DP3 and DN3).
‘0’ (default) - The Anti-parallel diode functionality is disabled. The External Diode 2 channel can be
configured for any type of diode
‘1’ - The Anti-parallel diode functionality is enabled. Both the External Diode 2 and 3 channels are
configured to support a diode or diode connected transistor (such as a 2N3904).
APPLICATION NOTE: When the APD diode is enabled, there will be a delay of a full temperature update before
any comparisons and functionality associated with the External Diode 3 channel will be
implemented. This includes the SYS3 bit operation, limit comparisons, and look up table
comparisons.
The Configuration Register is software locked.
Table 6.15 Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
20h
R/W
Configuration
MASK
-
-
-
SYS3
SYS2
SYS1
APD
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com