Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4916 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM4916
Description  1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM4916 Fiches technique(HTML) 1 Page - Texas Instruments

  LM4916 Datasheet HTML 1Page - Texas Instruments LM4916 Datasheet HTML 2Page - Texas Instruments LM4916 Datasheet HTML 3Page - Texas Instruments LM4916 Datasheet HTML 4Page - Texas Instruments LM4916 Datasheet HTML 5Page - Texas Instruments LM4916 Datasheet HTML 6Page - Texas Instruments LM4916 Datasheet HTML 7Page - Texas Instruments LM4916 Datasheet HTML 8Page - Texas Instruments LM4916 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM4916
www.ti.com
SNAS179E – MAY 2003 – REVISED MAY 2013
LM4916
1.5V, Mono 85mW BTL Output, 14mW Stereo
Headphone Audio Amplifier
Check for Samples: LM4916
1
FEATURES
DESCRIPTION
The unity gain stable LM4916 is both a mono
2
Single-Cell 0.9V to 2.5V Battery Operation
differential output (for bridge-tied loads or BTL) audio
BTL Mode for Mono Speaker
power amplifier and a Single Ended (SE) stereo
Single-Ended Headphone Operation with
headphone amplifier. Operating on a single 1.5V
Coupling Capacitors
supply, the mono BTL mode delivers 85mW into an
8
Ω load at 1% THD+N. In Single Ended stereo
Unity-Gain Stable
headphone mode, the amplifier delivers 14mW per
"Click and Pop" Suppression Circuitry
channel into a 16
Ω load at 1% THD+N.
Active-Low Micropower Shutdown
With the LM4916 packaged in the MM and WSON
Low Current, Active-Low Mute Mode
packages, the customer benefits include low profile
Thermal Shutdown Protection Circuitry
and small size. These packages minimize PCB area
and maximizes output power.
APPLICATIONS
The LM4916 features circuitry that reduces output
transients ("clicks" and "pops") during device turn-on
Portable One-Cell Audio Products
and turn-off, an externally controlled, low-power
Portable One-Cell Electronic Devices
consumption, active-low shutdown mode, and thermal
shutdown.
Boomer
audio
power
amplifiers
are
KEY SPECIFICATIONS
designed specifically to use few external components
and provide high quality output power in a surface
Mono-BTL Output Power
mount package.
(RL=8Ω, VDD=1.5V, THD+N=1%), 85mW (typ)
Stereo Headphone Output Power
(RL=16Ω, VDD=1.5V, THD+N=1%), 14mW (typ)
Micropower Shutdown Current, 0.02µA (typ)
Supply Voltage Operating Range,
0.9V<VDD<2.5V
PSRR 1kHz, VDD=1.5V, 66dB (typ)
Typical Application
Figure 1. Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - LM4916

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4916 NSC-LM4916 Datasheet
655Kb / 18P
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
Texas Instruments
LM4916 TI2-LM4916 Datasheet
960Kb / 26P
LM4916 1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
REVISED MAY 2013
logo
National Semiconductor ...
LM4916LD NSC-LM4916LD Datasheet
655Kb / 18P
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
Texas Instruments
LM4916LD/NOPB TI2-LM4916LD/NOPB Datasheet
960Kb / 26P
LM4916 1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
REVISED MAY 2013
LM4916LD/NOPB.A TI2-LM4916LD/NOPB.A Datasheet
960Kb / 26P
LM4916 1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
REVISED MAY 2013
More results

Description similaire - LM4916

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4854 NSC-LM4854 Datasheet
1Mb / 29P
1.9W Monaural, 85mW Stereo Headphone Audio Amplifier
logo
NXP Semiconductors
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
3 W mono BTL audio output amplifier
May 1992
logo
Toshiba Semiconductor
TA8145FN TOSHIBA-TA8145FN Datasheet
312Kb / 8P
STEREO HEADPHONE AMPLIFIER (1.5V USE)
TA8159FN TOSHIBA-TA8159FN Datasheet
459Kb / 12P
1.5V STEREO HEADPHONE AMPLIFIER
logo
National Semiconductor ...
LM4914 NSC-LM4914 Datasheet
384Kb / 15P
1W Monaural, 85mW Stereo Headphone Audio Amplifier
LM4916 NSC-LM4916 Datasheet
655Kb / 18P
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
Toshiba Semiconductor
TA2123AF TOSHIBA-TA2123AF Datasheet
427Kb / 20P
1.5V Stereo Headphone Amplifier
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
3 W Mono BTL Audio Output Amplifier
logo
National Semiconductor ...
LM4919 NSC-LM4919 Datasheet
568Kb / 15P
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
3 W Mono BTL Audio Output Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com