Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4916 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM4916
Description  1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM4916 Fiches technique(HTML) 4 Page - Texas Instruments

  LM4916 Datasheet HTML 1Page - Texas Instruments LM4916 Datasheet HTML 2Page - Texas Instruments LM4916 Datasheet HTML 3Page - Texas Instruments LM4916 Datasheet HTML 4Page - Texas Instruments LM4916 Datasheet HTML 5Page - Texas Instruments LM4916 Datasheet HTML 6Page - Texas Instruments LM4916 Datasheet HTML 7Page - Texas Instruments LM4916 Datasheet HTML 8Page - Texas Instruments LM4916 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM4916
SNAS179E – MAY 2003 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS FOR THE LM4916
(1) (2)
The following specifications apply for the circuit shown in Figure 38 operating with VDD = 1. 5V, unless otherwise specified.
Limits apply for TA = 25°C.
LM4916
Units
Parameter
Test Conditions
(Limits)
Typ(3)
Limit(4)
0.9
V (min)
VDD
Supply Voltage(5)(6))
2.5
V (max)
IDD
Quiescent Power Supply Current
VIN = 0V, IO = 0A, RL = ∞ See
(7)
1.0
1.4
mA (max)
ISD
Shutdown Current
VSHUTDOWN = GND
0.02
μA (max)
VOS
Output Offset Voltage
BTL
5
50
mV (max)
f = 1kHz
PO
Output Power(8)
RL = 8Ω BTL, THD+N = 1%
85
70
mW (min)
RL = 16Ω SE, THD+N = 1%
14
mW
RL = 8Ω, BTL, PO = 25mW, f = 1kHz
0.1
THD+N
Total Harmonic Distortion + Noise
0.5
%
RL = 16Ω, SE, PO = 5mW, f = 1kHz
0.2
VNO
Output Voltage Noise
20Hz to 20kHz, A-weighted
10
µVRMS
IMUTE
Mute Current
VMUTE = 0, SE
15
µA
Crosstalk
RL = 16Ω, SE
55
dB (min)
VRIPPLE = 200mVP-P
CBYPASS = 4.7µF, RL = 8Ω
62
dB
f = 1kHz, BTL
PSRR
Power Supply Rejection Ratio
VRIPPLE = 200mVP-P sine wave
CBYPASS = 4.7µF, RL = 16Ω
66
dB (min)
f = 1kHz, SE
VIH
Control Logic High
0.7
V (min)
VIL
Control Logic Low
0.3
V (max)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
All voltages are measured with respect to the ground (GND) pins unless otherwise specified.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(5)
When operating on a power supply voltage of 0.9V, the LM4916 willl not function below 0°C. At a power supply voltage of 1V or greater,
the LM4916 will operate down to -40°C.
(6)
Ripple on power supply line should not exceed 400mVpp.
(7)
The quiescent power supply current depends on the offset voltage when a practical load is connected to the amplifier.
(8)
Output power is measured at the device terminals.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4916



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com