Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4916 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM4916
Description  1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM4916 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button LM4916 Datasheet HTML 2Page - Texas Instruments LM4916 Datasheet HTML 3Page - Texas Instruments LM4916 Datasheet HTML 4Page - Texas Instruments LM4916 Datasheet HTML 5Page - Texas Instruments LM4916 Datasheet HTML 6Page - Texas Instruments LM4916 Datasheet HTML 7Page - Texas Instruments LM4916 Datasheet HTML 8Page - Texas Instruments LM4916 Datasheet HTML 9Page - Texas Instruments LM4916 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
10
20
30
0
120
40
60
80
100
140
20
LOAD RESISTANCE :
1% THD + N
10% THD + N
16
32
48
64
80
96 112 128
0
18
10
12
14
16
20
2
4
6
8
LOAD RESISTANCE :
10% THD + N
1% THD + N
1
1.5
2
2.5
0
5
10
15
20
25
30
35
40
45
50
SUPPLY VOLTAGE (V)
1% THD + N
10% THD + N
0.75
1
1.25
1.5
1.75
2.0
2.25 2.5
SUPPLY VOLTAGE (V)
0
50
100
150
200
250
300
350
10% THD + N
1% THD + N
1
3
6
30
OUTPUT POWER (mW)
0.01
0.1
1
10
0.02
0.05
.02
0.5
2
5
8
7
5
4
2
0.001
0.002
0.005
20
10
OUTPUT POWER (W)
1m
10m
100m
0.001
0.2
10
0.002
0.005
0.01
0.02
0.05
0.1
0.5
1
2
5
2m
5m
20m
50m
LM4916
SNAS179E – MAY 2003 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
THD+N
THD+N
vs Output Power
vs Output Power
VDD = 1.2V, RL = 16Ω, f = 1kHz
VDD = 1.2V, RL = 8Ω, f = 1kHz
Single Ended Output, AV = -1
BTL Output, AV = -1
Figure 12.
Figure 13.
Output Power
Output Power
vs Supply Voltage
vs Supply Voltage
f = 1kHz, RL = 16Ω,
f = 1kHz, RL = 8Ω,
Single Ended Output, AV = -1
BTL Output, AV = -1
Figure 14.
Figure 15.
Output Power
Output Power
vs Load Resistance
vs Load Resistance
VDD = 1.5V, f = 1kHz
VDD = 1.5V, f = 1kHz
Single Ended Output, AV = -1
BTL Output, AV = -1
Figure 16.
Figure 17.
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4916



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com