Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4916 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM4916
Description  1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM4916 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button LM4916 Datasheet HTML 3Page - Texas Instruments LM4916 Datasheet HTML 4Page - Texas Instruments LM4916 Datasheet HTML 5Page - Texas Instruments LM4916 Datasheet HTML 6Page - Texas Instruments LM4916 Datasheet HTML 7Page - Texas Instruments LM4916 Datasheet HTML 8Page - Texas Instruments LM4916 Datasheet HTML 9Page - Texas Instruments LM4916 Datasheet HTML 10Page - Texas Instruments LM4916 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
20
500
2k
-85
-75
-65
-55
-45
-30
-20
-10
0
-60
-50
-40
-35
-25
-15
-5
50
-100
-95
-80
-70
-90
100
20k
10k
5k
200
1k
FREQUENCY (Hz)
20
500
2k
-85
-75
-65
-55
-45
-30
-20
-10
0
-60
-50
-40
-35
-25
-15
-5
50
-100
-95
-80
-70
-90
100
50k
20k
10k
5k
200
1k
100k
FREQUENCY (Hz)
0
5
10
15
OUTPUT POWER (mW)
0
5
10
15
20
25
VDD = 1.5V
VDD = 1.2V
OUTPUT POWER (mW)
0
40
60
100
0
10
30
40
50
60
70
80
20
20
VDD = 1.2V
VDD = 1.5V
0
16
32
48
64
80
96
112 128
0
2
4
6
8
10
12
10% THD + N
1% THD + N
LOAD RESISTANCE :
10
20
30
0
10
20
30
40
50
60
70
80
90
LOAD RESISTANCE :
1% THD+N
10% THD+N
LM4916
www.ti.com
SNAS179E – MAY 2003 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Output Power
Output Power
vs Load Resistance
vs Load Resistance
VDD = 1.2V, f = 1kHz
VDD = 1.2V, f = 1kHz
Single Ended Output, AV = -1
BTL Output, AV = -1
Figure 18.
Figure 19.
Power Dissipation
Power Dissipation
vs Output Power
vs Output Power
f = 1kHz, THD+N < 1%, AV = -1
f = 1kHz, THD+N < 1%
Single Ended Output, Both Channels
BTL Output, AV = -1
Figure 20.
Figure 21.
Power Supply Rejection Ratio
Channel Separation
VDD = 1.5V, VRIPPLE = 200mVPP
RL = 16Ω, PO = 5mW
RL = 16Ω, Single Ended Output
Single Ended Output, AV = -1
Input Terminated into 10
Figure 22.
Figure 23.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4916



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com