Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP83847 Fiches technique(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce DP83847
Description  DsPHYTER II ??Single 10/100 Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83847 Fiches technique(HTML) 51 Page - National Semiconductor (TI)

Back Button DP83847 Datasheet HTML 47Page - National Semiconductor (TI) DP83847 Datasheet HTML 48Page - National Semiconductor (TI) DP83847 Datasheet HTML 49Page - National Semiconductor (TI) DP83847 Datasheet HTML 50Page - National Semiconductor (TI) DP83847 Datasheet HTML 51Page - National Semiconductor (TI) DP83847 Datasheet HTML 52Page - National Semiconductor (TI) DP83847 Datasheet HTML 53Page - National Semiconductor (TI) DP83847 Datasheet HTML 54Page - National Semiconductor (TI) DP83847 Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
51
www.national.com
6.4.6 100BASE-TX Receive Packet Latency Timing
Note: Carrier Sense On Delay is determined by measuring the time from the first bit of the “J” code group to the assertion
of Carrier Sense.
Note: RD
± voltage amplitude is greater than the Signal Detect Turn-On Threshold Value.
6.4.7 100BASE-TX Receive Packet Deassertion Timing
Note: Carrier Sense Off Delay is determined by measuring the time from the first bit of the “T” code group to the deasser-
tion of Carrier Sense.
Parameter
Description
Notes
Min
Typ
Max
Units
T4.6.1
Carrier Sense ON Delay
17.5
bit times
T4.6.2
Receive Data Latency
21
bit times
Parameter
Description
Notes
Min
Typ
Max
Units
T4.7.1
Carrier Sense OFF Delay
21.5
bit times
CRS
RXD[3:0]
RD
±
RX_DV
RX_ER/RXD[4]
IDLE
Data
T4.6.1
T4.6.2
(J/K)
CRS
T4.7.1
RXD[3:0]
RX_DV
RX_ER/RXD[4]
RD
±
DATA
IDLE
(T/R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60