Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP83847 Fiches technique(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce DP83847
Description  DsPHYTER II ??Single 10/100 Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83847 Fiches technique(HTML) 48 Page - National Semiconductor (TI)

Back Button DP83847 Datasheet HTML 44Page - National Semiconductor (TI) DP83847 Datasheet HTML 45Page - National Semiconductor (TI) DP83847 Datasheet HTML 46Page - National Semiconductor (TI) DP83847 Datasheet HTML 47Page - National Semiconductor (TI) DP83847 Datasheet HTML 48Page - National Semiconductor (TI) DP83847 Datasheet HTML 49Page - National Semiconductor (TI) DP83847 Datasheet HTML 50Page - National Semiconductor (TI) DP83847 Datasheet HTML 51Page - National Semiconductor (TI) DP83847 Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
48
www.national.com
6.4 100 Mb/s Timing
6.4.1 100 Mb/s MII Transmit Timing
6.4.2 100 Mb/s MII Receive Timing
Parameter
Description
Notes
Min
Typ
Max
Units
T4.1.1
TXD[3:0], TX_EN, TX_ER Data Setup to
TX_CLK
10
ns
T4.1.2
TXD[3:0], TX_EN, TX_ER Data Hold from
TX_CLK
5ns
TX_CLK
TXD[3:0]
TX_EN
TX_ER
Valid Data
T4.1.1
T4.1.2
Parameter
Description
Notes
Min
Typ
Max
Units
T4.2.1
RX_CLK Duty Cycle
35
65
%
T4.2.2
RX_CLK to RXD[3:0], RX_DV, RX_ER Delay
10
30
ns
RX_CLK
RXD[3:0]
RX_DV
RX_ER
Valid Data
T4.2.2
T4.2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60