Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP83847 Fiches technique(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce DP83847
Description  DsPHYTER II ??Single 10/100 Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83847 Fiches technique(HTML) 49 Page - National Semiconductor (TI)

Back Button DP83847 Datasheet HTML 45Page - National Semiconductor (TI) DP83847 Datasheet HTML 46Page - National Semiconductor (TI) DP83847 Datasheet HTML 47Page - National Semiconductor (TI) DP83847 Datasheet HTML 48Page - National Semiconductor (TI) DP83847 Datasheet HTML 49Page - National Semiconductor (TI) DP83847 Datasheet HTML 50Page - National Semiconductor (TI) DP83847 Datasheet HTML 51Page - National Semiconductor (TI) DP83847 Datasheet HTML 52Page - National Semiconductor (TI) DP83847 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
49
www.national.com
6.4.3 100BASE-TX Transmit Packet Latency Timing
Note: Latency is determined by measuring the time from the first rising edge of TX_CLK occurring after the assertion of
TX_EN to the first bit of the “J” code group as output from the TD
± pins.
6.4.4 100BASE-TX Transmit Packet Deassertion Timing
Note: Deassertion is determined by measuring the time from the first rising edge of TX_CLK occurring after the deasser-
tion of TX_EN to the first bit of the “T” code group as output from the TD
± pins.
Parameter
Description
Notes
Min
Typ
Max
Units
T4.3.1
TX_CLK to TD
± Latency
6.0
bit times
Parameter
Description
Notes
Min
Typ
Max
Units
T4.4.1
TX_CLK to TD
± Deassertion
6.0
bit times
TX_CLK
TX_EN
TXD
TD
±
(J/K)
IDLE
DATA
T4.3.1
TX_CLK
TXD
TX_EN
TD
±
DATA
IDLE
T4.4.1
DATA
IDLE
(T/R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60