Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCI9060ES Fiches technique(PDF) 183 Page - List of Unclassifed Manufacturers

No de pièce PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Fiches technique(HTML) 183 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 179Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 180Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 181Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 182Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 183Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 184Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 185Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 186Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 187Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 192 page
background image
SECTION 8
PCI 9080
TIMING DIAGRAMS
©PLX Technology, Inc., 1997
Page 174
Version 1.02
8.4.2 J Mode Direct Master
A0
D0
D1 D2
D3
A
CMD
0
D0
D1 D2
D3
D4
D5
D6 D7 D8
D4
D5 D6
D7
D15
D9 D10
D8
D16
D11
D9 D10 D11 D12
D13 D14
0ns
250ns
500ns
750ns
1000ns
LCLK
LAD[31:0]
LW/R#
ADS#
BLAST#
READYo#
CLK
REQ#
GNT#
FRAME#
AD[31:0]
C/BE[3:0]#
DEVSEL#
IRDY#
TRDY#
Unused D12-D16 are flushed from FIFO.
Timing Diagram 8-72. (J Mode) Direct Master Read Access from PCI Bus (Keep PCI Bus If Read FIFO Full Mode),
No PCI Disconnects



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More