Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCI9060ES Fiches technique(PDF) 181 Page - List of Unclassifed Manufacturers

No de pièce PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Fiches technique(HTML) 181 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 177Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 178Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 179Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 180Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 181Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 182Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 183Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 184Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 185Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 192 page
background image
SECTION 8
PCI 9080
TIMING DIAGRAMS
©PLX Technology, Inc., 1997
Page 172
Version 1.02
CMD
BE
A
ADDR
LBE
CMD
BE
D1
D2
D3
D4
D5
D6
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9 D10 D11 D12 D13 D14 D15 D16
D0
Single Cycle
Burst Cycle
0ns
250ns
500ns
750ns
1000ns
CLK
FRAME#
AD[31:0]
C/BE[3:0]#
IRDY#
DEVSEL#
TRDY#
LCLK
LHOLD
LHOLDA
LDSHOLD
ADS#
ALE
BLAST#
LAD[31:0]
LBE[3:0]#
LRDYi#
LW/R#
DTR#
DEN#
Timing Diagram 8-69. (J Mode) Direct Slave Read No Flush Mode (Read Ahead Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More