| Moteur de recherche de fiches techniques de composants électroniques |
|
PCI9060ES Fiches technique(PDF) 187 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PCI9060ES Fiches technique(HTML) 187 Page - List of Unclassifed Manufacturers |
|
187 / 192 page ![]() SECTION 8 PCI 9080 TIMING DIAGRAMS ©PLX Technology, Inc., 1997 Page 178 Version 1.02 A DOES NOT CHANGE, UNALIGNED HAS OWN CYCLE WITH ADS# D0 D1 D7 D2 D3 D4 A+20 D5 D6 LAD[3:2] LAD[3:2] 0ns 100ns 200ns 300ns 400ns 500ns LCLK LHOLD LHOLDA ADS# ALE BLAST# LBE[3:0]# LW/R# LAD[31:0] LABS[3:2] DT/R# DEN# BTERM# READYi# Eight Lword burst, no wait states, burst enabled, Bterm enabled, 32 bit local bus. Note: If Bterm is disabled, a new ADS# cycle starts every quad Lword boundary. Timing Diagram 8-76. (J Mode) PCI 9080 DMA PCI to Local Bus |