| Moteur de recherche de fiches techniques de composants électroniques |
|
PCI9060ES Fiches technique(PDF) 20 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PCI9060ES Fiches technique(HTML) 20 Page - List of Unclassifed Manufacturers |
|
20 / 192 page ![]() SECTION 2 PCI 9080 BUS OPERATION ©PLX Technology, Inc., 1997 Page 11 Version 1.02 Figure 2-4. Big/Little Endian—8 Bit Local Bus For each of the following transfer types, PCI 9080 local bus can be independently programmed to operate in Little Endian or Big Endian mode: • Local bus accesses to PCI 9080 configuration registers • Direct Slave PCI accesses to Local Address Space 0 • Direct Slave PCI accesses to Local Address Space 1 • Direct Slave PCI accesses to expansion ROM • DMA Channel 0 accesses to the local bus • DMA Channel 1 accesses to the local bus • Direct Master Accesses to PCI bus For local bus configuration accesses, an input pin can be used to dynamically change the Endian mode. Notes: PCI bus is always Little Endian mode. Only byte lanes are swapped, not individual bits. |