Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCI9060ES Fiches technique(PDF) 180 Page - List of Unclassifed Manufacturers

No de pièce PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Fiches technique(HTML) 180 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 176Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 177Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 178Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 179Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 180Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 181Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 182Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 183Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 184Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 192 page
background image
SECTION 8
PCI 9080
TIMING DIAGRAMS
©PLX Technology, Inc., 1997
Page 171
Version 1.02
CMD
BE
ADDR
ADDR
ADDR
LBE
RETRY
ADDR
CMD
CMD
BE
WRITE IS NOT ALLOWED DURING DELAYED READ
RETRY
Delayed Read Retries
D0
D1
D2
D3
D4
D5
D6
D7
D8
READS DATA
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9 D10 D11 D12 D13 D14 D15
ADDR
CMD
D0
BE
WRITE RETRIES AND COMPLETES
0ns
250ns
500ns
750ns
1000ns
CLK
FRAME#
AD[31:0]
C/BE[3:0]#
IRDY#
DEVSEL#
TRDY#
PERR#
STOP#
LCLK
LHOLD
LHOLDA
LDSHOLD
ADS#
ALE
BLAST#
LAD[31:0]
LBE[3:0]#
READYi#
DTR#
DEN#
WR#
RD#
LW/R#
Disconnect immediately for a read. Don’t effect pending reads when a write cycle occurs.
Don’t flush the read FIFO if the PCI read cycle completes. Force Retry on write if read pending.
Negate TRDY# until space is available in the direct slave write FIFO.
Timing Diagram 8-68. (J Mode) Direct Slave Read v2.1 Spec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More