| Moteur de recherche de fiches techniques de composants électroniques |
|
PCI9060ES Fiches technique(PDF) 178 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PCI9060ES Fiches technique(HTML) 178 Page - List of Unclassifed Manufacturers |
|
178 / 192 page ![]() SECTION 8 PCI 9080 TIMING DIAGRAMS ©PLX Technology, Inc., 1997 Page 169 Version 1.02 DOES NOT CHANGE, UNALIGNED HAS OWN CYCLE WITH ADS# 01 10 11 00 00 01 10 D7 11 A D0 D1 D2 D3 A+16 D4 D5 D6 0ns 250ns 500ns LCLK LHOLD LHOLDA ADS# ALE BLAST# LBE[3:0]# LW/R# LAD[31:0] LABS[3:2] DT/R# DEN# BTERM# READYi# Eight Lword burst, no wait states, burst enabled, Bterm disabled, 32 bit local bus. Note: If Bterm is disabled, a new ADS# cycle starts every quad Lword boundary. Timing Diagram 8-66. (J Mode) PCI 9080 DMA or Direct Slave Burst Write to Local Bus, Bterm Disabled |