| Moteur de recherche de fiches techniques de composants électroniques |
|
PCI9060ES Fiches technique(PDF) 174 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PCI9060ES Fiches technique(HTML) 174 Page - List of Unclassifed Manufacturers |
|
174 / 192 page ![]() SECTION 8 PCI 9080 TIMING DIAGRAMS ©PLX Technology, Inc., 1997 Page 165 Version 1.02 ADDR CMD BE D0 D1 D2 D3 D4 D5 D6 D7 ADDR +4 +8 D0 D1 0ns 250ns 500ns CLK FRAME# AD[31:0] C/BE[3:0]# IRDY# DEVSEL# TRDY# LCLK LHOLD LHOLDA ADS# BLAST# LA[31:2] LD[31:0] LW/R# READYi# EOT[1:0]# Stop Data Transfer Mode bit is not set. If this bit is set, there is no BLAST# and D5 is not transferred. See Table 4-62[15] or Table 4-67[15]. Timing Diagram 8-62. (C Mode) DMA PCI to Local, Terminated with EOT[1:0]# |