Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCI9060ES Fiches technique(PDF) 169 Page - List of Unclassifed Manufacturers

No de pièce PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Fiches technique(HTML) 169 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 165Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 166Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 167Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 168Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 169Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 170Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 171Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 172Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 173Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 192 page
background image
SECTION 8
PCI 9080
TIMING DIAGRAMS
©PLX Technology, Inc., 1997
Page 160
Version 1.02
ADDR
CMD
BE
D0
D1
D3
ADDR(D1)
+4
+8
d0
d1
2 wait states
+12
+16
d2
d3
Reading from the Descriptor
ADDR(D0) d0
CMD
BE
d1
Local to PCI Transfer
D2
d2
d3
0ns
250ns
500ns
750ns
CLK
FRAME#
AD[31:0]
C/BE[3:0]#
IRDY#
DEVSEL#
TRDY#
LCLK
LHOLD
LHOLDA
ADS#
BLAST#
LA[31:2]
LD[31:0]
LW/R#
READYi#
Timing Diagram 8-57. (C Mode) Read of DMA Chaining Parameters from PCI Bus (Local to PCI Transfer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More