Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCI9060ES Fiches technique(PDF) 165 Page - List of Unclassifed Manufacturers

No de pièce PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Fiches technique(HTML) 165 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 161Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 162Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 163Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 164Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 165Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 166Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 167Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 168Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 169Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 192 page
background image
SECTION 8
PCI 9080
TIMING DIAGRAMS
©PLX Technology, Inc., 1997
Page 156
Version 1.02
ADDR
D0 D1
D2
D3
D4 D5 D6 D7 D8 D9 D10 D11
A
D1
D11
D2
D5
D3
D10
D4
D9
D6
D8
D7
CMD
D0
BE
0ns
250ns
500ns
750ns
1000ns
CLK
REQ#
GNT#
FRAME#
AD[31:0]
C/BE[3:0]#
DEVSEL#
IRDY#
TRDY#
LCLK
LA[31:2]
LD[31:0]
LW/R#
ADS#
BLAST#
READYi#
Timing Diagram 8-53. (C Mode) DMA Aligned Local Address to Aligned PCI Address, Bterm Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More