Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCI9060ES Fiches technique(PDF) 167 Page - List of Unclassifed Manufacturers

No de pièce PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Fiches technique(HTML) 167 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 163Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 164Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 165Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 166Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 167Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 168Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 169Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 170Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 171Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 192 page
background image
SECTION 8
PCI 9080
TIMING DIAGRAMS
©PLX Technology, Inc., 1997
Page 158
Version 1.02
A
BE
D0
D1
D3
A+4 +8
d0 d1
2 wait states
+12+16
d2 d3
Reading from the Descriptor
A1 d0
BE
d1
Local to PCI Transfer
D2
d2 d3
D0
D1
D2
D3
d1 d2
d1 d2
A2
D1
Local to PCI transfer
0ns
500ns
1000ns
1500ns
2000n
CLK
FRAME#
AD[31:0]
C/BE[3:0]#
IRDY#
DEVSEL#
TRDY#
LCLK
LHOLD
LHOLDA
ADS#
BLAST#
LA[31:2]
LD[31:0]
LW/R#
READYi#
Timing Diagram 8-55. (C Mode) Read of DMA Chaining Parameters from PCI and Local Buses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More