Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCI9060ES Fiches technique(PDF) 173 Page - List of Unclassifed Manufacturers

No de pièce PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Fiches technique(HTML) 173 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 169Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 170Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 171Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 172Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 173Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 174Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 175Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 176Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 177Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 192 page
background image
SECTION 8
PCI 9080
TIMING DIAGRAMS
©PLX Technology, Inc., 1997
Page 164
Version 1.02
ADDR
+4
+8
+C
+10
+14
+18
D0
D1
D2
D3
D4
D5
ADDR
D0
D1
D2
D3
D4
D5
CMD
BE
0ns
250ns
500ns
CLK
FRAME#
AD[31:0]
C/BE[3:0]#
IRDY#
DEVSEL#
TRDY#
LCLK
LHOLD
LHOLDA
ADS#
BLAST#
LA[31:2]
LD[31:0]
LW/R#
READYi#
EOT[1:0]#
Stop Data Transfer Mode bit is not set. If this bit is set, there is no BLAST# and
D5 is not transferred. See Table 4-62[15] or Table 4-67[15].
Timing Diagram 8-61. (C Mode) DMA Local to PCI, Terminated with EOT[1:0]#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More