| Moteur de recherche de fiches techniques de composants électroniques |
|
PCI9060ES Fiches technique(PDF) 128 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PCI9060ES Fiches technique(HTML) 128 Page - List of Unclassifed Manufacturers |
|
128 / 192 page ![]() SECTION 8 PCI 9080 TIMING DIAGRAMS ©PLX Technology, Inc., 1997 Page 119 Version 1.02 0001 D2 D6 ADDR A+4 A+8 A+C D4 A+10 D0 D1 D3 D5 D7 D8 A+14 A+18 A+1C A+20 LBE = 1110 0ns 100ns 200ns 300ns 400ns 500ns LCLK LHOLD LHOLDA ADS# BLAST# LBE[3:0]# LW/R# LD[31:0] LA[31:2] BTERM# READYi# No wait states, burst enabled, Bterm disabled, 32 bit local bus. Unaligned Transfer results in new ADS#. Note: Not all byte enables asserted or a quad boundary LA[3:2]=11 results in a new ADS#. Timing Diagram 8-15. (C Mode) PCI 9080 DMA or Direct Slave Burst Write, Bterm Disabled |