| Moteur de recherche de fiches techniques de composants électroniques |
|
PCI9060ES Fiches technique(PDF) 126 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PCI9060ES Fiches technique(HTML) 126 Page - List of Unclassifed Manufacturers |
|
126 / 192 page ![]() SECTION 8 PCI 9080 TIMING DIAGRAMS ©PLX Technology, Inc., 1997 Page 117 Version 1.02 D0 D1 D10 D2 D3 D4 D8 D9 A+20 A A+4 A+8 A+C A+10 A+24 A+28 D5 D6 D7 A+14 A+18 A+1C Bterm FORCES NEW ADS# --> LBE 0ns 250ns 500ns LCLK LHOLD LHOLDA ADS# BLAST# LBE[3:0]# LW/R# LD[31:0] LA[31:2] BTERM# READYi# Eight Lword burst, no wait states, burst enabled, Bterm enabled, 32 bit local bus. Note: If Bterm is disabled, a new ADS# cycle starts every quad Lword boundary. Timing Diagram 8-13. (C Mode) DMA or Direct Slave PCI 9080 Burst Write to Local Bus, Bterm Enabled |