| Moteur de recherche de fiches techniques de composants électroniques |
|
PCI9060ES Fiches technique(PDF) 127 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PCI9060ES Fiches technique(HTML) 127 Page - List of Unclassifed Manufacturers |
|
127 / 192 page ![]() SECTION 8 PCI 9080 TIMING DIAGRAMS ©PLX Technology, Inc., 1997 Page 118 Version 1.02 CMD BE ADDR D0 D1 D2 D3 D4 +4 +8 +C +10 D0 D1 D2 D3 D4 D5 D6 D7 +14 +18 +1C ADDR 0ns 250ns 500ns CLK FRAME# AD[31:0] C/BE[3:0]# IRDY# DEVSEL# TRDY# LCLK LHOLD LHOLDA ADS# LW/R# BLAST# LA[31:2] LD[31:0] READYi# BTERM# No wait states, 32-bit bus, burst enabled, Bterm disabled. Unused read data is flushed using with local processor. Timing Diagram 8-14. (C Mode) Direct Slave PCI to Local Burst Read, Bterm Disabled |