| Moteur de recherche de fiches techniques de composants électroniques |
|
PCI9060ES Fiches technique(PDF) 132 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PCI9060ES Fiches technique(HTML) 132 Page - List of Unclassifed Manufacturers |
|
132 / 192 page ![]() SECTION 8 PCI 9080 TIMING DIAGRAMS ©PLX Technology, Inc., 1997 Page 123 Version 1.02 12 3 ADDR 56 7 CMD 8 4 +4 BE DO D1 D2 D3 D4 +8 +C +10 D1 D2 D3 D4 D0 A 0ns 250ns 500ns CLK FRAME# AD[31:0] C/BE[3:0]# IRDY# DEVSEL# TRDY# LCLK LHOLD LHOLDA ADS# BLAST# LW/R# LA[31:2] LD[31:0] DEN# READYi# Five Lwords, one wait state, burst enabled, Bterm enabled. Timing Diagram 8-19. (C Mode) Direct Slave Burst of Five Lwords with One Wait State |