| Moteur de recherche de fiches techniques de composants électroniques |
|
ASBSV4-LED5 Fiches technique(PDF) 136 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBSV4-LED5 Fiches technique(HTML) 136 Page - Lumberg |
|
136 / 178 page ![]() 1-717-217-2299 www.lumberg-automationusa.com 136 Industrial Ethernet Ethernet-Switches and Adapters FWD 5 FWD 5 FWD 5 FWD 5 FWD 5 0982 EEC 100 0982 EEC 101 0981 ENC 100 0981 ENC 102 Part No. 0982 EEC 100 Part No. 0982 EEC 101 Part No. 0981 ENC 100 Part No. 0981 ENC 102 Part No. 0985 342 100/1 M 0985 342 100/2 M 0985 342 100/3 M 0985 342 100/5 M Ethernet-Switch, IP 67, 5-Port Unmannaged Switch for 10/100 Mbaud Transmission Rates, M12-Sockets, 4-Poles, D-Coding, M12 Power Supply, 5-Poles Standard Coding. – suitable for Ethernet/IP or ProfiNet applications – Ethernet-Switch, IP 67, 5-Port Unmannaged Switch for 10/100 Mbaud Transmission Rates, M12-Sockets, 8-Poles, M12 Power Supply, 5-Poles Standard Coding. – suitable for Modbus/TCP applications – Ethernet-Panel-Mount-Adapter, M12-Female, D-Coding Connector, Chasis Side Thread PG 9, RJ45-Female Connctor 90 ˚. – suitable for Ethernet/IP or ProfiNet applications – Ethernet-Panel-Mount-Adapter, M12-Female, 8-Pole Connector, Chasis Side Thread PG 9, RJ45-Female Connctor 90 ˚. – suitable for Modbus/TCP applications – Industrial Ethernet Double-Ended Data Cable (molded on both sides) According to PROFInet Type C with M12-Male Connectors, D-Coding. 0985 342 100/...M: 4-Pin, M12 Straight Male to M12 Straight Male, IP 65/ IP 67 Rated. – suitable for PROFInet applications – 0985 342 100/...M |