Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP8024 Fiches technique(PDF) 39 Page - Microchip Technology

No de pièce MCP8024
Description  Internal Bandgap Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8024 Fiches technique(HTML) 39 Page - Microchip Technology

Back Button MCP8024 Datasheet HTML 35Page - Microchip Technology MCP8024 Datasheet HTML 36Page - Microchip Technology MCP8024 Datasheet HTML 37Page - Microchip Technology MCP8024 Datasheet HTML 38Page - Microchip Technology MCP8024 Datasheet HTML 39Page - Microchip Technology MCP8024 Datasheet HTML 40Page - Microchip Technology MCP8024 Datasheet HTML 41Page - Microchip Technology MCP8024 Datasheet HTML 42Page - Microchip Technology MCP8024 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
 2013 Microchip Technology Inc.
DS20005228A-page 39
MCP8024
RECOMMENDED LAND PATTERN
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
C2 Y2
X1
C1
X2
E
Y1
Dimension Limits
Units
C1
Optional Center Tab Width
Contact Pad Spacing
Contact Pad Spacing
Optional Center Tab Length
Contact Pitch
C2
Y2
X2
3.50
3.50
MILLIMETERS
0.50 BSC
MIN
E
MAX
8.40
8.40
Contact Pad Length (X48)
Contact Pad Width (X48)
Y1
X1
1.50
0.30
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1. Dimensioning and tolerancing per ASME Y14.5M
Microchip Technology Drawing No. C04-2183A
NOM
48-Lead Thin Quad Flatpack (PT) - 7x7x1.0 mm Body [TQFP] With Thermal Tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46