| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP8024 Fiches technique(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP8024 Fiches technique(HTML) 37 Page - Microchip Technology |
|
37 / 46 page ![]() 2013 Microchip Technology Inc. DS20005228A-page 37 MCP8024 C SEATING PLANE For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: NOTE 1 Microchip Technology Drawing C04-183A Sheet 1 of 2 48-Lead Thin Quad Flatpack (PT) - 7x7x1.0 mm Body [TQFP] With Exposed Pad TOP VIEW E E1 D 0.20 H A-B D 4X D1/2 12 A B A A D D1 A1 A H 0.10 C 0.08 C SIDE VIEW D2 E2 N 12 N 0.20 C A-B D 48X TIPS 0.20 H A-B D 4X 0.20 4X E1/4 D1/4 A2 TOP VIEW E1/2 e 48x b 0.08 C A-B D e/2 |