Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VD5377 Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce VD5377
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377 Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button VD5377 Datasheet HTML 34Page - STMicroelectronics VD5377 Datasheet HTML 35Page - STMicroelectronics VD5377 Datasheet HTML 36Page - STMicroelectronics VD5377 Datasheet HTML 37Page - STMicroelectronics VD5377 Datasheet HTML 38Page - STMicroelectronics VD5377 Datasheet HTML 39Page - STMicroelectronics VD5377 Datasheet HTML 40Page - STMicroelectronics VD5377 Datasheet HTML 41Page - STMicroelectronics VD5377 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
Key features
VD5377
38/88
Doc ID 022952 Rev 2
Table 22. Modified exposure limits
Frame rate control mode
Automatic
Manual
Maximum frame rate
3.3 kf/s
3.6 kf/s
4 kf/s
3.3 kf/s
3.6 kf/s
4 kf/s
Maximum exposure
255
232
157
255
249
174
Table 23. Motion threshold
Addr
(Hex)
Register name
SIgnal name
Bit
Type
Default
(Hex)
Comment
32
SPARE
Reserved
0
RW
00
Reserved
Reserved
1
RW
00
Reserved
motion_threshold_l
ow_comp
7:4
RW
03
Update motion_threshold_low
register for adaptive frame rate:
0 = 4 kf/s
2 = 3.6 kf/s
3 = 3.3 kf/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88