Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VD5377 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce VD5377
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button VD5377 Datasheet HTML 7Page - STMicroelectronics VD5377 Datasheet HTML 8Page - STMicroelectronics VD5377 Datasheet HTML 9Page - STMicroelectronics VD5377 Datasheet HTML 10Page - STMicroelectronics VD5377 Datasheet HTML 11Page - STMicroelectronics VD5377 Datasheet HTML 12Page - STMicroelectronics VD5377 Datasheet HTML 13Page - STMicroelectronics VD5377 Datasheet HTML 14Page - STMicroelectronics VD5377 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
Doc ID 022952 Rev 2
11/88
VD5377
Silicon specification
2.4
Device pinout
Figure 2 shows the bond pad layout and Table 6 provides the bond pad coordinates. All
dimensions are in microns.
Figure 2. VD5377 bond pad layout
I2C_SEL0
I2C_SEL1
I2C_SEL2
LED_OUT
DVSS
BACKLED0
BACKLED1
BACKLED2
DVDD
GPIO0
MOTION
TEST_CLK
SDA
(0,19)
(19,19)
(0,0)
(19,0)
2
1
3
4
5
6
7
8
9
19
20
22
23
24 SCL
NOT TO SCALE
Imaging Array
Array Centre
Die Centre(0,0)
608 µm
608 µm
10
DVSS
11
18
17
16
14
13
AVSS
25
26 AVDD
DVSS
21
12
15
1st pixel
(-83, +447)
First pixel indicates start of
readout for image streaming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88