Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VD5377 Fiches technique(PDF) 58 Page - STMicroelectronics

No de pièce VD5377
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377 Fiches technique(HTML) 58 Page - STMicroelectronics

Back Button VD5377 Datasheet HTML 54Page - STMicroelectronics VD5377 Datasheet HTML 55Page - STMicroelectronics VD5377 Datasheet HTML 56Page - STMicroelectronics VD5377 Datasheet HTML 57Page - STMicroelectronics VD5377 Datasheet HTML 58Page - STMicroelectronics VD5377 Datasheet HTML 59Page - STMicroelectronics VD5377 Datasheet HTML 60Page - STMicroelectronics VD5377 Datasheet HTML 61Page - STMicroelectronics VD5377 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 88 page
background image
Image capture
VD5377
58/88
Doc ID 022952 Rev 2
9.1.2
Debug mode
The VD5377 implements a debug mode where a grey scale image can be output instead of
the image data.
To enter this mode, bit 7 of register 0x59 (“framedump_mire”) must be set. The output frame
should resemble the picture in Figure 25.
Figure 25. I2C frame dump output in debug mode
9.2
Fast capture
To enter this test mode:
1.
Set register 0x5 = 0x18 - sensor in manual power mode and host_config_done set.
2.
Set bit 4 of registry 0x15 to 1 (clk_pci_en).
3.
Set bit 4 of registry 0x59 to 1 (pci_test_enable).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88