Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST-PLC-AFE Fiches technique(PDF) 55 Page - STMicroelectronics

No de pièce ST-PLC-AFE
Description  Power-line communication, analog front-end
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-PLC-AFE Fiches technique(HTML) 55 Page - STMicroelectronics

Back Button ST-PLC-AFE Datasheet HTML 50Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 51Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 52Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 53Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 54Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 55Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 56Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 57Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 58Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 55 / 58 page
background image
DocID028727 Rev 1
55/58
ST-PLC-AFE
Package information
58
Table 21. QFN48 mechanical data
Ref
Dimensions
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
0.75
0.85
0.95
0.030
0.033
0.037
A1
0.02
0.05
0.001
0.002
A2
0.65
0.70
0.026
0.028
A3
0.20
0.008
b
0.2
0.25
0.30
0.008
0.010
0.012
D
6.85
7.00
7.15
0.270
0.276
0.281
D2
3.95
4.10
4.25
0.156
0.161
0.167
E
6.85
7.00
7.15
0.270
0.276
0.281
E2
3.95
4.10
4.25
0.156
0.161
0.167
e
0.45
0.50
0.55
0.018
0.020
0.022
L
0.35
0.40
0.45
0.014
0.016
0.018
ddd
0.08
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58