| Moteur de recherche de fiches techniques de composants électroniques |
|
ST2100 Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST2100 Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 39 page ![]() DocID025777 Rev 1 29/39 ST2100 Memory map 39 5 Memory map The memory map is shown in Table 17. Table 17. Memory map description Start Address End Address Peripheral Description 0x00000000 0x3FFFFFFF External SDRAM DDR2 0x40000000 0xBFFFFFFF PCIe data 0xC0000000 0xC07FFFFF S-ATA 0xC0800000 0xCFFFFFFF - Reserved 0xD0000000 0xD007FFFF UART1 0xD0080000 0xD00FFFFF UART2 0xD0100000 0xD017FFFF SPI 0xD0180000 0xD01FFFFF I2C 0xD0200000 0xD027FFFF AES 0xD0280000 0xD02FFFFF CAN1 0xD0300000 0xD03FFFFF CAN2 0xD0400000 0xD07FFFFF - Reserved 0xD0800000 0xD0FFFFFF JPGC 0xD1000000 0xD17FFFFF FIrDA 0xD2800000 0xD2FFFFFF 8 K SRAM 0xD3000000 0xD37FFFFF FSMC controller 0xD3800000 0xD3FFFFFF FSMC - NAND memory 0xD4000000 0xD7FFFFFF FSMC - SRAM memory 0xD8000000 0xD807FFFF PGC_IR 0xD8080000 0xD80FFFFF DAI_I2S 0xD8100000 0xD817FFFF AS_GPIO base address 0xD8180000 0xD87FFFFF - Reserved 0xD8800000 0xD8FFFFFF PLC modem 0xD9000000 0xD97FFFFF TS 0xD9800000 0xD9FFFFFF SPORT 0xDA000000 0xDA7FFFFF DES_TDES 0xDA800000 0xDAFFFFFF C3 0xDB000000 0xE07FFFFF - Reserved 0xE0800000 0xE0FFFFFF ETH Ethernet MII - MAC 0xE1000000 0xE10FFFFF USB 2.0 device controller FIFO 0xE1100000 0xE11FFFFF USB 2.0 device controller Configuration registers |