Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST2100 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce ST2100
Description  Broadband powerline communication SoC optimized
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2100 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button ST2100 Datasheet HTML 17Page - STMicroelectronics ST2100 Datasheet HTML 18Page - STMicroelectronics ST2100 Datasheet HTML 19Page - STMicroelectronics ST2100 Datasheet HTML 20Page - STMicroelectronics ST2100 Datasheet HTML 21Page - STMicroelectronics ST2100 Datasheet HTML 22Page - STMicroelectronics ST2100 Datasheet HTML 23Page - STMicroelectronics ST2100 Datasheet HTML 24Page - STMicroelectronics ST2100 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
DocID025777 Rev 1
21/39
ST2100
Pin descriptions
39
Table 15. DDR pin descriptions
Signal name
Ball Direction
Function
Pin type
DDR_ADDR_0
D7
Out
Address lines
Compatible with DDRI (SSTL2) and
DDRII (SSTL18)
DDR_ADDR_1
C7
DDR_ADDR_2
B7
DDR_ADDR_3
A8
DDR_ADDR_4
B8
DDR_ADDR_5
C8
DDR_ADDR_6
D8
DDR_ADDR_7
A9
DDR_ADDR_8
B9
DDR_ADDR_9
C9
DDR_ADDR_10
D9
DDR_ADDR_11
A10
DDR_ADDR_12
B10
DDR_ADDR_13
C10
DDR_ADDR_14
D10
DDR_BA_0
C11
Out
Bank select
DDR_BA_1
D12
DDR_BA_2
C12
DDR_RAS
B14
Out
Row address strobe
DDR_CAS
B13
Out
Column address strobe
DDR_WE
B11
Out
Write enable
DDR_CLKEN
B12
Out
Clock enable
DDR_CLK_P
A12
Out
Differential clock
Differential
Compatible with DDRI (SSTL2) and
DDRII (SSTL18)
DDR_CLK_N
A13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39