Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST2100 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce ST2100
Description  Broadband powerline communication SoC optimized
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2100 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button ST2100 Datasheet HTML 5Page - STMicroelectronics ST2100 Datasheet HTML 6Page - STMicroelectronics ST2100 Datasheet HTML 7Page - STMicroelectronics ST2100 Datasheet HTML 8Page - STMicroelectronics ST2100 Datasheet HTML 9Page - STMicroelectronics ST2100 Datasheet HTML 10Page - STMicroelectronics ST2100 Datasheet HTML 11Page - STMicroelectronics ST2100 Datasheet HTML 12Page - STMicroelectronics ST2100 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
DocID025777 Rev 1
9/39
ST2100
Architecture description
39
3
Architecture description
Figure 1 is the architecture overview of the STreamPlug ST2100.
The internal architecture is based on several shared subsystems interconnected through
a multilayer system bus.
The bus structure allows different subsystem data flows to be executed in parallel improving
the core platform efficiency.
High performance master agents are directly interconnected with the memory controller
reducing the memory access latency.
Figure 1. STreamPlug ST2100 functional block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39